|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK ELECTRONICS AND NOT TO BE REPRODUCED FOR OR COMMUNICATED TO A THIRD PARTY WITHOUT THE EXPRESS WRITTEN PERMISSION OF AN OFFICER OF QUALTEK ELECTRONICS. 44 36 0.2 24 0.5 0 70.1 70.1 3.2 REVISION REV. B C DESCRIPTION RoHS Compliancy Graphics Update DATE 06-01-06 03-20-08 APPROVED DP DP 5 13.6 10 26.8 16 0.5 0 33.0 0.3 10.4 12.5 36 27.3 0 30.8 0.2 15 0 0.5 1 12 0.5 5 R1 O3.5 2.8X3.3L 31.4 0.5 0 7.0 4.8 10.0 REV. C Approved / Date JJH / 08-28-02 NOTES: MATERIAL: MOULDING: NYLON, FLAMMABILITY RATING UL 94 V-0 CONTACTS: BRASS, PINS NICKEL PLATED, TAGS TIN PLATED RATING: 10A 250V AC CONTACT RESISTANCE: <10m OHM INSULATION RESISTANCE: >100M OHM 500VDC MIN DIELECTRICS STRENGTH: 2000VAC/1mA 1MIN A.C. BREAKDOWN: POLE-POLE: 5kV POLES-PANEL: 4.0kV OPERATING TEMPERATURE: -40 C TO +70 C MAX. PIN TEMPERATURE: +65 C APPROVALS: UL,CSA, VDE DUAL FUSEHOLDER, ONE ACTIVE, ONE SPARE FUSES NOT INCLUDED - RECOMMENDED SIZE: 5 X 20mm RoHS COMPLIANT PANEL CUTOUT Dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500 Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20 CONTROLLED Qualtek Electronics Corp. Part Number: Description: PPC DIVISION 719W-00/03 AC RECEPTACLE UNIT: mm Drawn / Date B.Zhang 08-28-02 Checked / Date 08-28-02 |
Price & Availability of 719W-00-03 |